PART |
Description |
Maker |
HN27C256G HN27C256G-17 HN27C256G-25 HN27C256G-20 |
256K (32K x 8-bit) UV EPROM, 200ns 256K (32K x 8-bit) UV EPROM, 250ns 32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM 256K (32K x 8-bit) UV EPROM, 170ns
|
Hitachi Semiconductor
|
AT27LV256A-55JI AT27LV256A-55JU AT27LV256A-55RI AT |
256K (32K x 8) Low-voltage OTP EPROM
|
ATMEL Corporation
|
IDT71256 IDT71256L IDT71256L100D IDT71256L100DB ID |
Precision Adjustable (Programmable) Shunt Reference 8-CDIP -55 to 125 的CMOS静态RAM 256K2K的8位) Dual Pulse-Width-Modulation Control Circuit 16-SSOP 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 25 ns, CDIP28 Single UART with 16-Byte FIFOs and Auto Flow Control 44-PLCC 0 to 70 的CMOS静态RAM 256K2K的8位) CABLE SMA/SMA 36 RG-142 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 120 ns, CDIP28 Dual-Channel Pulse-Width-Modulation (PWM) Control Circuit 16-SSOP -20 to 85 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDIP28 Replaced by TL16C550C : Single UART with 16-Byte FIFO 40-PDIP 0 to 70 Single UART with 16-Byte FIFOs and Auto Flow Control 48-LQFP 0 to 70 1.8-V to 5-V Dual UART with 16-Byte FIFOs 48-TQFP 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFO 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC -40 to 85 Quad Pulse-Width-Modulation Control Circuit 48-LQFP -20 to 75 CMOS Static RAM 256k ( 32k X 8-bit )
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|
X28HC256D-12 X28HC256PZ-12 X28HC256PZ-15 X28HC256P |
256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 200 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-PDIP 32K X 8 EEPROM 5V, 90 ns, PDIP28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 5V, Byte Alterable EEPROM
|
Intersil, Corp. Intersil Corporation
|
IDT71256SA15PZ IDT71256SA IDT71256SA20PZ IDT71256S |
CMOS STATIC RAM 256K (32K x 8-BIT) Asynchronous Communications Element With Autoflow Control 48-LQFP -40 to 85 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 12 ns, PDSO28 Asynchronous Communications Element With Autoflow Control 48-TQFP 0 to 70 32K X 8 STANDARD SRAM, 25 ns, PDSO28
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
LH53259 LH53259D LH53259N LH53259T |
CMOS 256K(32K X 8) Mask-Programmable ROM CMOS 256K (32K x 8) MROM
|
SHARP[Sharp Electrionic Components] Sharp Corporation
|
CAT28LV256 CAT28LV256N-20T CAT28LV256N-25T CAT28LV |
256K-bit CMOS parallel EEPROM 250ns 256K-bit CMOS parallel EEPROM 200ns 256K-bit CMOS parallel EEPROM 300ns 256K-Bit CMOS PARALLEL E2PROM 128Kx8 EEPROM 128Kx8 EEPROM 32K X 8 EEPROM 3V, 200 ns, PQCC32
|
http:// CATALYST[Catalyst Semiconductor] Intersil, Corp. Epson (China) Co., Ltd. STMicroelectronics N.V. ON SEMICONDUCTOR
|
PXAS83XFBE PXAS83XFA |
XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless/ 8-channel 8-bit A/D/ low voltage 2.7 V.5.5 V/ I2C/ 2 UARTs/ 16MB address range
|
Philips Semiconductors
|
NT68P62-01 NT68P62U |
8-Bit Microcontroller for Monitor (32K OTP ROM Type)
|
List of Unclassifed Manufacturers
|
HN58C256FP-20 |
256K (32K x 8-bit) EEPROM
|
Hitachi Semiconductor
|
UPD43256B UPD43256B-A UPD43256B-B UPD43256BCZ-70L |
256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
|
NEC[NEC]
|
TMM23256P |
256K BIT(32K WORD X 8 BIT) MASK ROM N-CHANNEL SILICON GATE
|
Toshiba Semiconductor
|